Part Number Hot Search : 
PA321209 1SS245 0CTFP DBL411B FR303 22100 01220 HCTS132D
Product Description
Full Text Search
 

To Download GXM60-15A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  106 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929 ? 805-486-4565  fax 805-487-8911  www.condorpower.com gxm60 medical single output 60 watt-range input high efficiency desk-top supply  universal input  small size, light weight  medically approved to ul2601-1, csa 22.2 no. 601.1-m90, en60601-1, and cb certified to iec601-1.  ultra efficient - up to 90%  spill proof external enclosure  2 year warranty ? ac input 90-264 vac, 47-63 hz single phase. input power is less than 75 w when output power is less than 60 w, 230 vac in. meets en61000-3-2 harmonics standard. output power total continuous output power is 60 w (55 for any unit less than 8 v), 65 w peak for 60 s 10% duty cycle. total power specified from supply output, derate for cable losses. output regulation supply regulation is +/- 1%. however, actual regulation limits are affected by cable losses on units without remote sense. final regulation limits must include cable losses. contact factory for assistance. input current maximum input current at minimum input voltage and output overload will be less than 2.0 a. hold-up time output voltage stays within regulation for 20 ms from loss of ac input at full load, from 120 vac input. minimum load no minimum load required. overload protection fully protected against short circuit and output overload. short circuit protection is cycling type power limit and will automatically recover after removal of fault. output noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, differential mode. measured with a scope probe directly across the output connector. load terminated with a 0.1 f capacitor in parallel with a low z 10 mf capacitor. transient response response at supply is 1.5 ms typical for return to regulation for a 50% load step, ? i/ ? t< 0.2 a/s. maximum voltage deviation is 3.5%. cable resistance will effect maximum voltage deviation. over voltage protection prevents output from producing excessive voltage in the event of a single fault failure. voltage limited typically to 130% depend- ing upon model. ovp firing reduces output to less than 50% of nominal voltage in less than 50 ms. overload protection factory set to begin power limiting at approximately 75 w. efficiency 77 to 90% at full rated load depending upon model and ac line. units are typically > 85 % @ 230 vac. efficiency is measured at the supply output, cabling losses are not considered and will vary with different cables. contact factory for assistance. overshoot less than 3% overshoot at turn-on under nominal conditions. turn-on time less than 1.5 s at 115 vac, 25 c input protection both lines protected with internal ac fuses, provided on all units. designed to blow only if a catastrophic failure occurs in the unit ? fuse does not blow on short circuit or overload. inrush current inrush is limited by internal thermistor. the inrush at 240 vac, averaged over the first ac half-cycle under cold start conditions will not exceed 60 a. emi / emc compliance all models include built-in emi filtering. conducted emissions en55011, class b; fcc class b static discharge en61000-4-2, 6 kv contact 8 kv air rf field susceptibility en61000-4-3, 3v/meter fast transients / bursts en61000-4-4, 2 kv, 5 khz surge susceptibility en61000-4-5, 1 kv diff., 2 kv com. conducted rf susceptibility en61000-4-6, 3v voltage sags & surges en61000-4-11 medical safety agency all models are approved to ul2601, csa 22.2 no. 601.1-m90, iec 601-1 (1988), en 60601-1 leakage current 80 a under normal conditions (132 vac @ 60 hz ). maximum under single fault conditions (264 vac @ 50 hz) is 170 a . a. units should be allowed to warm up/operate under non-condensing conditions before application of power. b. random vibration ? 10 to 2000 hz, 6 db/octave roll-off from 350 to 2000 hz, 3 orthogonal axes. tested for 10 min./axis operating and 1 hr./axis non-operating. c. shock testing ? half-sinusoidal, 10 3 ms duration, direction, 3 orthogonal axes, total 6 shocks. l a t n e m n o r i v n e n o i t a c i f i c e p s g n i t a r e p o g n i t a r e p o - n o n ) a ( e r u t a r e p m e tc o 0 4 o t 0c o 5 8 + o t 0 4 - ) a ( y t i d i m u hh r % 5 9 o t 0h r % 5 9 o t 0 ) b ( k c o h sg 0 2 k p g 0 4 k p e d u t i t l at f 0 0 0 , 0 1 o t 0 0 5 -t f 0 0 0 , 0 4 o t 0 0 5 - ) c ( n o i t a r b i vg 5 . 1 s m r g 3 0 0 . 0 , 2 z h /g 5 s m r g 6 2 0 . 0 , 2 z h / specifications: marked to lvd features:
107 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929  805-486-4565  fax 805-487-8911  www.condorpower.com gxm60 medical single output l a c i d e m l e d o m t u p t u o ) v ( t n e r r u c ) i ( ) 1 ( l a i t i n i t n i o p t e s l a t o t n o i t a l u g e r t u p t u o s s e n r a h e t o m e r e s n e s / e l p p i r e s i o n 1 1 a 5 - 0 6 m x g v 5a 1 1% 2% 1x e l o ms e y% 5 . 1 gm x1 0 a 2 1 - 0 6 v 2 1a 0 . 5% 2% 1m m 1 . 2o n% 1 1 0 a 5 1 - 0 6 m x g v 5 1a 0 . 4% 2% 1m m 1 . 2o n% 1 1 0 a 4 2 - 0 6 m x g v 4 2a 5 . 22%1% m m 1 . 2o n% 1 1 0 a 8 2 - 0 6 m x g v 8 2a 2 . 22%% 1m m 1 . 2o n% 1 gm x1 0 a 6 3 - 0 6 v 6 37 . 1a % 2% 11 . 2m mo n% 1 notes: 1) initial set point without load. total regulation shown includes cable losses. when selecting cable options without r emote sense, cable drop should be considered. n o i t p o g u l p / d r o c t u p t u o g u l p / e l b a c . o n g n i t a r m u m i x a m 1 0. a g 8 1 , . d . i m m 1 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 2 0. a g 8 1 , . d . i m m 5 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 3 0. a g 8 1 , e l g n a t r , . d . i m m 1 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 4 0. a g 8 1 , e l g n a t r , . d . i m m 5 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 5 0d e d l e i h s , . a g 8 1 , . d . i m m 1 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 6 0d e d l e i h s , . a g 8 1 , . d . i , m m 5 . 2 , . d . o m m 6 . 5 r a l u c r i c . x a m v 0 8 , a 5 7 0. a g 0 2 n i d i n i m . x a m v 6 3 , a 6 8 0d e d l e i h s . a g 0 2 n i d i n i m . x a m v 6 3 , a 6 9 0g u l p n i d . a g 0 2 n i p 5 . x a m v 6 3 , a 6 0 1d e d l e i h s , g u l p n i d . a g 0 2 n i p 5 . x a m v 6 3 , a 6 1 1. a g 8 1 , t i f - i n i m x e l o m . x a m v 0 8 4 , a 1 1 2 1n i d r e w o p . x a m v 0 2 , a 1 1 3 1d e d l e i h s , . n i d r e w o p . x a m v 0 2 , a 1 1 mechanical specifications model number configuration output voltages: units are available standard with any output voltage from 5 to 35 vdc in 1.0 increments. also available in 0.1 increments data custom order. typical standard model configurations: gxm60 - xxxxx output cable/plug option number case color: a = beige b = black


▲Up To Search▲   

 
Price & Availability of GXM60-15A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X